Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download AOP609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol max p-channel units v ds v v gs v i dm t j , t stg c symbol device typ max units n-ch 37 50 c/w n-ch 74 90 c/w r jl n-ch 28 40 c/w p-ch 35 50 c/w p-ch 73 90 c/w r jl p-ch 32 40 c/w thermal characteristics: n-channel and p-channel -55 to 150 -55 to 150 maximum junction-to-lead c steady-state parameter maximum junction-to-ambient a t 10s r ja maximum junction-to-ambient a 60 -60 20 drain-source voltage 20 gate-source voltage absolute maximum ratings t a =25c unless otherwise noted parameter max n-channel w 4.7 3.8 20 2.5 1.6 -2.9 -3.5 2.5 1.6 a continuous drain current a t a =25c i d t a =70c pulsed drain current b r ja maximum junction-to-ambient a steady-state -20 t a =70c power dissipation t a =25c p d steady-state junction and storage temperature range maximum junction-to-lead c steady-state maximum junction-to-ambient a t 10s AOP609 n-channel p-channel v ds (v) = 60v -60v i d = 4.7a (v gs =10v) -3.5a (v gs =-10v) r ds(on) r ds(on) < 60m ? (v gs =10v) < 115m ? (v gs =-10v) < 75m ? (v gs =4.5v) < 140m ? (v gs =-4.5v) the AOP609 uses advanced trench technology mosfets to provide excellent r ds(on) and low gate charge. the complementary mosfets may be used in h-bridge, inverters and other applications. standard product AOP609 is pb- free (meets rohs & sony 259 specifications). g1 s1 g2 s2 d1 d1 d2 d2 1 2 3 4 8 7 6 5 pdip-8 n-channel p -channel d1 s1 g1 g2 d2 s2 www.freescale.net.cn 1/7 complementary enhancement mode field effect transistor general description features
symbol min typ max units bv dss 60 v 1 t j =55c 5 i gss 250 a v gs(th) 1.5 2.4 3 v i d(on) 20 a 49 60 t j =125c 65 57 75 m ? g fs 17 s v sd 0.78 1 v i s 3.5 a c iss 450 570 pf c oss 74 pf c rss 30 pf r g 1.65 2 ? q g (10v) 5.1 7 nc q g (4.5v) 2.5 3 nc q gs 1nc q gd 1.4 nc t d(on) 5.4 ns t r 5.5 ns t d(off) 17.2 ns t f 2.9 ns t rr 25.4 35 ns q rr 29.4 nc v gs =0v, v ds =30v, f=1mhz v gs =0v, v ds =0v, f=1mhz switching parameters reverse transfer capacitance gate resistance output capacitance i s =1a,v gs =0v v gs =10v, i d =4.7a diode forward voltage v gs =10v, v ds =30v, r l =6 ? , r gen =3 ? gate source charge gate drain charge turn-on delaytime turn-on rise time total gate charge v gs =10v, v ds =30v, i d =4.7a r ds(on) static drain-source on-resistance forward transconductance m ? v gs =4.5v, i d =3.0a v ds =5v, i d =4.7a gate threshold voltage v ds =v gs i d =250 a on state drain current v gs =10v, v ds =5v a gate-body leakage current v ds =0v, v gs = 20v drain-source breakdown voltage i d =250 a, v gs =0v i dss zero gate voltage drain current v ds =48v, v gs =0v n channel electrical characteristics (t j =25c unless otherwise noted) parameter conditions static parameters maximum body-diode continuous current dynamic parameters body diode reverse recovery charge total gate charge i f =4.7a, di/dt=100a/ s turn-off delaytime turn-off fall time body diode reverse recovery time i f =4.7a, di/dt=100a/ s input capacitance a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. rev 2 : sept 2007 www.freescale.net.cn 2/7 AOP609 complementary enhancement mode field effect transistor
typical electrical and thermal characteristics: n-channel 0 5 10 15 20 25 30 012345 v ds (volts) fig 1: on-region characteristics i d (a) v gs =3.5v 4.0v 10.0v 5.0v 4.5v 0 5 10 15 1 1.5 2 2.5 3 3.5 4 v gs (volts) figure 2: transfer characteristics i d (a) 20 30 40 50 60 70 80 0 5 10 15 20 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 v sd (volts) figure 6: body-diode characteristics i s (a) 25c 125c 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 -50 -25 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =10v v gs =4.5 i d =3a i d =4.7a 40 60 80 100 120 140 160 246810 v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v ds =5v v gs =4.5v v gs =10v i d =4.7a 25c 125 www.freescale.net.cn 3/7 AOP609 complementary enhancement mode field effect transistor
typical electrical and thermal characteristics: n-channel 0 2 4 6 8 10 0123456 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 200 400 600 800 0 102030405060 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to - ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance c oss c rss 0.1 1.0 10.0 100.0 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 10ms 1m s 0.1s 1s 10s dc t j(max) =150c t a =25c r ds(on) limited v ds =30v i d = 4.7a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =50c/w t o n t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, sin g le p ulse t j(max) =150c t a =25c 10 s www.freescale.net.cn 4/7 AOP609 complementary enhancement mode field effect transistor
symbol min typ max units bv dss -60 v -1 t j =55c -5 i gss 100 a v gs(th) -1.5 -1.8 -3 v i d(on) -20 a 95 115 t j =125c 133 112 140 m ? g fs 9s v sd -0.77 -1 v i s -3.5 a c iss 897 1080 pf c oss 88 pf c rss 36 pf r g 7.2 9 ? q g (10v) 8.1 10 nc q g (4.5v) 3.9 5 nc q gs 1.4 nc q gd 1.7 nc t d(on) 9ns t r 7.2 ns t d(off) 35 ns t f 25.5 ns t rr 25.8 35 ns q rr 28.8 nc p-channel electrical characteristics (t j =25c unless otherwise noted) parameter conditions static parameters drain-source breakdown voltage i d =-250 a, v gs =0v i dss zero gate voltage drain current v ds =-48v, v gs =0v a gate-body leakage current v ds =0v, v gs =20v m ? v gs =-4.5v, i d =-2.8a gate threshold voltage v ds =v gs i d =-250 a on state drain current v gs =-10v, v ds =-5v v ds =-5v, i d =-3.5a r ds(on) static drain-source on-resistance forward transconductance v gs =-10v, i d =-3.5a diode forward voltage i s =-1a,v gs =0v maximum body-diode continuous current output capacitance reverse transfer capacitance gate resistance dynamic parameters input capacitance v gs =0v, v ds =-30v, f=1mhz v gs =0v, v ds =0v, f=1mhz total gate charge (4.5v) gate source charge gate drain charge switching parameters total gate charge (10v) v gs =-10v, v ds =-30v, i d =-3.5a turn-on delaytime v gs =-10v, v ds =-30v, r l =8.1 ? , r gen =3 ? turn-on rise time turn-off delaytime turn-off fall time body diode reverse recovery time i f =-3.5a, di/dt=100a/ s body diode reverse recovery charge i f =-3.5a, di/dt=100a/ s a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any a given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using <300 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. rev2:sept 2007 www.freescale.net.cn 5/7 AOP609 complementary enhancement mode field effect transistor
typical electrical and thermal characteristics: p-channe l 0 5 10 15 20 25 30 012345 -v ds (volts) fig 1: on-region characteristics -i d (a) v gs =-3.0v -3.5v -4.5v -10v -4.0v -6.0v -5.0v 0 3 6 9 12 15 012345 -v gs (volts) figure 2: transfer characteristics -i d (a) 80 90 100 110 120 0246810 -i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 -v sd (volts) figure 6: body-diode characteristics -i s (a) 25c 125c 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -50 -25 0 25 50 75 100 125 150 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =-10v v gs =-4.5v 60 80 100 120 140 160 180 200 2345678910 -v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v ds =-5v v gs =-4.5v v gs =-10v i d =-3.5a 25c 125c i d =-3.5a i d =-2.8a www.freescale.net.cn 6/7 AOP609 complementary enhancement mode field effect transistor
typical electrical and thermal characteristics: p-channe l 0 2 4 6 8 10 0246810 -q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 200 400 600 800 1000 1200 0 102030405060 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to - ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance c oss c rss 0.1 1.0 10.0 100.0 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 10ms 1ms 0.1s 1s 1 0s dc r ds(on) limited t j ( max ) =150c, t a =25c v ds =-30v i d =-3.5a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =50c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c 10 s www.freescale.net.cn 7/7 AOP609 complementary enhancement mode field effect transistor


▲Up To Search▲   

 
Price & Availability of AOP609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X